Part Number Hot Search : 
2SD14 DF65434 1N5258B TA8304F 56163 DSB15TG 370903 32M16
Product Description
Full Text Search
 

To Download PWM-84C-200B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PWM-84C Series
PHASE SHIFTERS, DIGITAL
30 to 2500 MHz / 360 Range / 1.4 Resolution / 8-bit TTL Input / Monotonic / SMA Connectors
Connector J3 Pinout J3 Pin Function
Ideal phase characteristic
PRINCIPAL SPECIFICATIONS
Model Number PWM-84C-***B PWM-84C-****B
Typical phase characteristic
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
Bit 8 (MSB) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 (LSB) (NC) -15V (NC) GND (NC) (NC) +15V
Center Frequency, fc, MHz 30 - 200 200 - 2500
Operating Bandwidth 30% of fo 10% of fo
For complete Model Number replace *** with desired center frequency in MHz
GENERAL SPECIFICATIONS
LSB Bit 1 2 3 4 5 6 7 8 Step 1.4 2.8 5.6 11.2 22.5 45 90 180
Phase Characteristics: Minimum Shift: 0 to 360 in 255 steps @ fc Phase Accuracy, typ: 15 ( 30above 1 GHz)
(Guaranteed Monotonic)
MSB
Package Outline
RF Characteristics: Impedance: VSWR: Insertion Loss:
50 nom. 2.0:1 max. 2 dB nom, 3 dB max.
(3 dB nom, 4.5 dB max above 1 GHz)
Loss Var. vs. Phase:1 dB (1.5 dB above 1 GHz) Max. Input Power: +10 dBm Control Characteristics: Control Input : 8 Bit TTL Settling Time: 3 s max. Supply Power: 15 VDC @ 100 mA max. Weight, nominal: 4.5 oz (125 g) Operating Temp.: -- 55 to +85C
NOTES:
1. Tolerance on 3 place decimals .020(.51) except as noted. 2. Dimensions in inches over millimeters.
26Apr96
General Notes: 1. Phase Shifters in the PWM-84C series provide a minimum of 360 phase shift in 8 binary increments (255 steps) of approximately 1.4 each. Phase shift is produced using a series of frequency independent analog phase shifters which are driven by an 8-bit D/A converter. This method, unlike conventional switched cable designs is guaranteed to be monotonic even at higher frequencies. 2. The monotonic feature of this design is advantageous when used for control applications in closed loop systems.
F rf t e if r to c n a tM ERRI AC /41 Faifel Pl,W estCal el,NJ,07006 / 973o ur h r n o ma in o t c M ri d . dw l 5751300 /FAX 973- 0531 575-


▲Up To Search▲   

 
Price & Availability of PWM-84C-200B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X